Part Number Hot Search : 
XFHCL HC1S80 E1000 74162 MC10E1 2700000 BU7421SG 10016
Product Description
Full Text Search
 

To Download AEC60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VER : A_3
update : 98.06.09
AC-DC Medical
AEC60 SERIES KEY FEATURES
Switching Power Module for PCB Mountable Universal Input: 85-265 VAC Single Output 5 VDC to 48 VDC Output -40OC Starting 4000 VAC Input to Output Isolation CE, UL, Approval 2-Years Product Warranty
60 Watts
ELECTRICAL SPECIFICATIONS
Model No. Max Output Wattage (W) Voltage Frequency (Hz) Input Current (Full load) Inrush Current (<2ms) Leakage Current Voltage (V.DC.) Voltage Accuracy Current (mA) max Line Regulation (LL-HL) (typ.) Load Regulation (5-100%) (typ.) Minimum Load Output Maximum Capacitive Load Ripple Noise Efficiency (at 230V) Trim Hold-up Time Switching Frequency Over Power Protection Protection Over Voltage Protection Short Circuit Protection Input-Output (V.AC) Isolation Input-FG Output-FG (V.AC) .(V.AC) AEC60-5S 50W 47-63 Hz 2 A max. (115 VAC) / 1 A max. (230 VAC) 30 A max. (115 VAC) / 50 A max. (230 VAC) 0.5 mA max. 5V 2% 10,000 1% 1% 1% 470-23,000F depending on model <0.2% Vout +40mV max (Vp-p) <0.5% Vout +50mV max (Vp-p) 82% 10% 10 ms min. 100 kHz Auto recovery Zener diode clamp Auto recovery 3000V 1500V 500V -40C...+70C (with derating) -50C...+85C 0.02%/C 95% RH >130,000 h @ 25C (MIL-HDBK-217F) 4.3 x 2.3 x 1.18 Inches 310 g Free air convection CE, UL60950 EN 55022 class B EN 55024
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated.
AEC60-9S 60W
AEC60-12S 60W
AEC60-15S 60W
AEC60-24S 60W
AEC60-48S 60W
85-265 VAC or 100-370 VDC
9V 6,660
12V 5,000
15V 4,000
24V 2,500
48V 1,250
84%
86%
86%
86%
86%
Operating Temperature Storage Temperature Environment Temperature coefficient Humidity MTBF Dimension (L x W x H) Physical Safety EMC Weight Cooling Method Agency Approvals EMI
(Conducted & Radiated Emission)
( 109.0 x 58.5 x 30 mm ) Tolerance 0.5 mm
EMS (Noise Immunity)
http://www.archcorp.com.tw TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
VER : A_3
update : 98.06.09
AC-DC Medical
AEC60 SERIES
60 Watts
Measured with 0.1 50V // 47 50V Ceramic Cap. Cross to output
MECHANICAL DIMENSION
( Top View )
PIN# 1 2 3 4 5 6
SINGLE AC IN (N) AC IN (L) FG +DC OUT -DC OUT Trim
DERATING
BLOCK DIAGRAM
http://www.archcorp.com.tw TEL: +886-2-26989508 FAX: +886-2-26981319
-2-


▲Up To Search▲   

 
Price & Availability of AEC60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X